Part Number Hot Search : 
XR2206CP L5953 GE847 FT231XQ 1490A C4928 2N5486G D132A
Product Description
Full Text Search
 

To Download MBRB1650 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR(F,B)1635 thru MBR(F,B)1660
Vishay General Semiconductor
Schottky Barrier Rectifier
TO-220AC ITO-220AC
FEATURES * Guardring for overvoltage protection * Lower power losses, high efficiency * Low forward voltage drop * High forward surge capability
2 MBR16xx
PIN 1
PIN 2
2 1 MBRF16xx
PIN 1
* High frequency operation * Meets MSL level 1, per J-STD-020, LF maximum peak of 245 C (for TO-263AB package) * Solder dip 260 C, 40 s (for TO-220AC and ITO-220AC package) * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
1
CASE
PIN 2
TO-263AB K
2 1 MBRB16xx
PIN 1 PIN 2 K HEATSINK
TYPICAL APPLICATIONS For use in low voltage, high frequency rectifier of switching mode power supplies, freewheeling diodes, dc-to-dc converters and polarity protection application. MECHANICAL DATA Case: TO-220AC, ITO-220AC, TO-263AB Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test, HE3 suffix for high reliability grade (AEC Q101 qualified), meets JESD 201 class 2 whisker test Polarity: As marked Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM VF TJ max. 16 A 35 V to 60 V 150 A 0.57 V, 0.65 V 150 C
MAXIMUM RATINGS (TC = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at TC = 125 C Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Peak repetitive reverse current at tp = 2.0 s, 1 kHz Voltage rate of change (rated VR) Operating junction temperature range Storage temperature range Isolation voltage (ITO-220AC only) from terminal to heatsink t = 1 min Document Number: 88671 Revision: 08-Nov-07 SYMBOL VRRM VRWM VDC IF(AV) IFSM IRRM dV/dt TJ TSTG VAC 1.0 10 000 - 65 to + 150 - 65 to + 175 1500 MBR1635 35 35 35 MBR1645 45 45 45 16 150 0.5 MBR1650 50 50 50 MBR1660 60 60 60 UNIT V V V A A A V/s C C V
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
MBR(F,B)1635 thru MBR(F,B)1660
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage (1) Maximum instantaneous reverse current at rated DC blocking voltage (1) Note: (1) Pulse test: 300 s pulse width, 1 % duty cycle TEST CONDITIONS IF = 16 A IF = 16 A TC = 25 C TC = 125 C TC = 25 C TC = 125 C SYMBOL MBR1635 MBR1645 MBR1650 MBR1660 UNIT VF IR 0.63 0.57 0.2 40 0.75 0.65 1.0 50 V mA
THERMAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance from junction to case SYMBOL RJC MBR 1.5 MBRF 3.0 MBRB 1.5 UNIT C/W
ORDERING INFORMATION (Example)
PACKAGE TO-220AC ITO-220AC TO-263AB TO-263AB TO-220AC ITO-220AC TO-263AB TO-263AB Note: (1) Automotive grade AEC Q101 qualified PREFERRED P/N MBR1645-E3/45 MBRF1645-E3/45 MBRB1645-E3/45 MBRB1645-E3/81 MBR1645HE3/45 (1) MBRF1645HE3/45 (1) MBRB1645HE3/45 (1) MBRB1645HE3/81 (1) UNIT WEIGHT (g) 1.80 1.94 1.33 1.33 1.80 1.94 1.33 1.33 PACKAGE CODE 45 45 45 81 45 45 45 81 BASE QUANTITY 50/tube 50/tube 50/tube 800/reel 50/tube 50/tube 50/tube 800/reel DELIVERY MODE Tube Tube Tube Tape reel Tube Tube Tube Tape reel
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
20 Resistive or Inductive Load 150 TJ = TJ Max. 8.3 ms Single Half Sine-Wave 125
16
Peak Forward Surge Current (A)
Average Forward Current (A)
100
12
75
8
50
4
25
0 0 50 100 150
0 1 10 100
Case Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88671 Revision: 08-Nov-07
MBR(F,B)1635 thru MBR(F,B)1660
Vishay General Semiconductor
100
10 000 TJ = 150 C TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
Instantaneous Forward Current (A)
10 Pulse Width = 300 s 1 % Duty Cycle 1
Junction Capacitance (pF)
1000
TJ = 25 C 0.1 MBR1635 - MBR1645 MBR1650 - MBR1660 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2
MBR1635 - MBR1645 MBR1650 - MBR1660 100 0.1 1 10 100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 5. Typical Junction Capacitance
100 TJ = 125 C
100
10
Transient Thermal Impedance (C/W)
100
Instantaneous Reverse Current (mA)
MBR1635 - MBR1645 MBR1650 - MBR1660
10
1
TJ = 75 C
0.1 TJ = 25 C 0.01
1
0.001 0 20 40 60 80
0.1 0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
t - Pulse Duration (s)
Figure 4. Typical Reverse Characteristics
Figure 6. Typical Transient Thermal Impedance
Document Number: 88671 Revision: 08-Nov-07
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
MBR(F,B)1635 thru MBR(F,B)1660
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AC
0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) DIA. 0.148 (3.74) DIA. 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.635 (16.13) 0.625 (15.87) 1 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41)
PIN 1 PIN 2 CASE
ITO-220AC
0.404 (10.26) 0.384 (9.75) 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 45 REF. 0.671 (17.04) 0.651 (16.54) PIN 0.076 (1.93) REF. 0.076 (1.93) REF. 7 REF. 0.140 (3.56) DIA. 0.125 (3.17) DIA. 0.135 (3.43) DIA. 0.122 (3.08) DIA. 0.190 (4.83) 0.170 (4.32) 0.110 (2.79) 0.100 (2.54)
0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40)
0.603 (15.32) 0.573 (14.55)
0.600 (15.24) 0.580 (14.73)
7 REF. 0.350 (8.89) 0.330 (8.38)
PIN
1
2 0.191 (4.85) 0.171 (4.35) 7 REF.
2
0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46) 0.560 (14.22) 0.530 (13.46)
0.057 (1.45) 0.045 (1.14)
0.110 (2.79) 0.100 (2.54)
0.037 (0.94) 0.027 (0.68) 0.205 (5.20) 0.195 (4.95)
0.022 (0.56) 0.014 (0.36)
0.025 (0.64) 0.015 (0.38)
0.035 (0.89) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95) 0.028 (0.71) 0.020 (0.51)
TO-263AB
0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN. K 0.360 (9.14) 0.320 (8.13) 1 K 2 0.055 (1.40) 0.047 (1.19) 0.670 (17.02) 0.591 (15.00) 0.15 (3.81) MIN. 0.08 (2.032) MIN. 0.105 (2.67) 0.095 (2.41) 0.33 (8.38) MIN. 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout
0.42 (10.66) MIN.
0.624 (15.85) 0.591 (15.00)
0.037 (0.940) 0.027 (0.686) 0.105 (2.67) 0.095 (2.41)
0 to 0.01 (0 to 0.254) 0.110 (2.79) 0.090 (2.29) 0.021 (0.53) 0.014 (0.36) 0.205 (5.20) 0.195 (4.95) 0.140 (3.56) 0.110 (2.79)
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88671 Revision: 08-Nov-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MBRB1650

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X